PART |
Description |
Maker |
GT15M321 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
GT50G321 |
TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
GT15Q311 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MGP11N60E-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MGP15N60U-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MGP21N60E-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MMG05N60D-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MGP7N60ED-D |
Insulated Gate Bipolar Transistor with Anti-Parallel Diode N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|